PART |
Description |
Maker |
HM62V256LFP-8ULT HM62V256LTM-8UL |
32,768-word x 8-bit low voltage operation CMOS static RAM, 85ns
|
Hitachi Semiconductor
|
MAX1253 MAX1254 MAX1253BEUE MAX1253AEUE MAX1254AEU |
Stand-Alone, 10-Channel, 12-Bit System Monitors with Internal Temperature Sensor and VDD Monitor 9-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO16 Stand-Alone / 10-Channel / 12-Bit System Monitors with Internal Temperature Sensor and VDD Monitor
|
http:// Maxim Integrated Products, Inc.
|
EM44CM1688LBC-25E EM44CM1688LBC-3 EM44CM1688LBC-3I |
JEDEC Standard VDD/VDDQ
|
Eorex Corporation
|
2SK3458 |
Low gate charge QG = 25 nC TYP. (VDD = 450 V, VGS = 10 V, ID = 6.0 A)
|
TY Semiconductor Co., Ltd
|
MT8806 |
8 x 4 Analog Switch Array with Low On-resistance, for (VDD - VEE) = 4.5 V to 13.2 V
|
Zarlink Semiconductor
|
2SK3305 |
Low gate charge QG = 13 nC TYP. (VDD = 400V, VGS = 10 V, ID = 5.0A)
|
TY Semiconductor Co., L...
|
MT8815 |
8 x 12 Analog Switch Array with Low On-resistance, for (VDD - VEE) = 4.5 V to 13.2 V
|
Zarlink Semiconductor
|
2SK3116 |
Low gate charge QG = 26 nC TYP. (ID = 7.5 A, VDD = 450 V, VGS = 10 V) N-Channel MOSFET
|
TY Semiconductor Co., L... TY Semicondutor
|
MAX1153 MAX1153AEUE MAX1153BEUE MAX1154AEUE MAX115 |
Stand-Alone / 10-Channel / 10-Bit System Monitors with Internal Temperature Sensor and VDD Monitor Stand-Alone, 10-Channel, 10-Bit System Monitors with Internal Temperature Sensor and VDD Monitor "Stand-Alone, 10-Channel, 10- Bit System Monitors with Internal Temperature Sensor and VDD Monitor"
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
ISL12020 ISL12020CBZ ISL12020IBZ |
Low Power RTC with VDD Battery Backed SRAM and Embedded Temp Compensation 【5ppm with Auto Day Light Saving
|
Intersil Corporation
|
SST29VE010-120-3I-EH SST29LE010-90-4C-N SST29VE010 |
Bipolar Voltage Comparator; Vio (mV) max: 7; Topr (°C): -40 to 85; Package: SOP; Pin count: 8; Remarks: No error against RF noise Single (High SR) Operational Amplifier; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 50; Vio (mV) max: 5; Topr (°C): -40 to 85; Package: CMPAK-5V; Remarks: Push-pull type CMOS Operational Amplifier Output full swing,High slew rate; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 800; Vio (mV) max: 4; SR (V/µs) typ: 8; Topr (°C): -40 to 85; Package: MMPAK; Pin count: 8; Remarks: Output full swing High slew rate CMOS Operational Amplifier Output full swing,High slew rate; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 200; Vio (mV) max: 4; SR (V/µs) typ: 2; Topr (°C): -40 to 85; Package: TSSOP; Pin count: 8; Remarks: Output full swing High slew rate Single (Low Consumption) Operational Amplifier; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 5; Vio (mV) max: 5; Topr (°C): -40 to 85; Package: MPAK-5V; Remarks: Push-pull type CMOS Operational Amplifier Output full swing,High slew rate; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 800; Vio (mV) max: 4; SR (V/µs) typ: 8; Topr (°C): -40 to 85; Package: TSSOP; Pin count: 8; Remarks: Output full swing High slew rate CMOS Operational Amplifier Output full swing, Standard; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 15; Vio (mV) max: 4; SR (V/µs) typ: 0.125; Topr (°C): -40 to 85; Package: MMPAK; Pin count: 8; Remarks: Output full swing Standard Bipolar Voltage Comparator; Vio (mV) max: 7; Topr (°C): -40 to 85; Package: TSSOP; Pin count: 8; Remarks: No error against RF noise Bipolar Voltage Comparator; Vio (mV) max: 7; Topr (°C): -40 to 85; Package: DIP; Pin count: 8; Remarks: No error against RF noise CMOS Operational Amplifier Output full swing, Standard; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 15; Vio (mV) max: 4; SR (V/µs) typ: 0.125; Topr (°C): -40 to 85; Package: TSSOP; Pin count: 8; Remarks: Output full swing Standard CMOS Operational Amplifier Output full swing, Standard; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 100; Vio (mV) max: 4; SR (V/µs) typ: 1; Topr (°C): -40 to 85; Package: MMPAK; Pin count: 8; Remarks: Output full swing Standard CMOS Operational Amplifier Output full swing, Standard; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 50; Vio (mV) max: 4; SR (V/µs) typ: 0.5; Topr (°C): -40 to 85; Package: MMPAK; Pin count: 8; Remarks: Output full swing Standard CMOS Operational Amplifier Output full swing,High slew rate; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 200; Vio (mV) max: 4; SR (V/µs) typ: 2; Topr (°C): -40 to 85; Package: MMPAK; Pin count: 8; Remarks: Output full swing High slew rate CMOS Operational Amplifier Output full swing,High slew rate; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 400; Vio (mV) max: 4; SR (V/µs) typ: 4; Topr (°C): -40 to 85; Package: MMPAK; Pin count: 8; Remarks: Output full swing High slew rate Single (Low Consumption) Operational Amplifier; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 5; Vio (mV) max: 5; Topr (°C): -40 to 85; Package: CMPAK-5V; Remarks: Push-pull type CMOS Operational Amplifier Output full swing,High slew rate; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 400; Vio (mV) max: 4; SR (V/µs) typ: 4; Topr (°C): -40 to 85; Package: TSSOP; Pin count: 8; Remarks: Output full swing High slew rate CMOS Operational Amplifier Output full swing, Standard; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 50; Vio (mV) max: 4; SR (V/µs) typ: 0.5; Topr (°C): -40 to 85; Package: TSSOP; Pin count: 8; Remarks: Output full swing Standard CMOS Operational Amplifier Output full swing, Standard; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 100; Vio (mV) max: 4; SR (V/µs) typ: 1; Topr (°C): -40 to 85; Package: TSSOP; Pin count: 8; Remarks: Output full swing Standard Single (Low Consumption) Operational Amplifier; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 5; Vio (mV) max: 5; Topr (°C): -40 to 85; Package: MPAK-5V; Remarks: Open drain type Single (Low Consumption) Operational Amplifier; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 5; Vio (mV) max: 5; Topr (°C): -40 to 85; Package: CMPAK-5V; Remarks: Open drain type Single (High SR) Operational Amplifier; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 50; Vio (mV) max: 5; Topr (°C): -40 to 85; Package: CMPAK-5V; Remarks: Open drain type Single (High SR) Operational Amplifier; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 50; Vio (mV) max: 5; Topr (°C): -40 to 85; Package: MPAK-5V; Remarks: Push-pull type 1 Megabit (128K x 8) Page Mode EEPROM 1兆位128K的8)页模式EEPROM Single (High SR) Operational Amplifier; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 50; Vio (mV) max: 5; Topr (°C): -40 to 85; Package: CMPAK-5V; Remarks: Push-pull type 1兆位28K的8)页模式的EEPROM Bipolar Voltage Comparator; Vio (mV) max: 7; Topr (°C): -40 to 85; Package: SOP; Pin count: 8; Remarks: No error against RF noise 1兆位28K的8)页模式的EEPROM 1 Megabit (128K x 8) Page Mode EEPROM 1兆位28K的8)页模式的EEPROM 1 Megabit (128K x 8) Page Mode EEPROM 1兆位28K的8)页模式EEPROM Bipolar Voltage Comparator; Vio (mV) max: 7; Topr (°C): -40 to 85; Package: SOP; Pin count: 8; Remarks: No error against RF noise 1兆位28K的8)页模式EEPROM Logic IC; Function: Quad. Differential Line Receivers with 3-state outputs (EIA RS-422A, 423A); Package: DIP; Remarks: Interface IC 1兆位28K的8)页模式的EEPROM 1 Megabit (128K x 8) Page Mode EEPROM 1兆位128K的8)页模式的EEPROM Bipolar Voltage Comparator; Vio (mV) max: 7; Topr (°C): -40 to 85; Package: DIP; Pin count: 8; Remarks: No error against RF noise
|
Silicon Storage Technology, Inc.
|
MAX1253 MAX1254BEUE MAX1253AEUE MAX1253BEUE MAX125 |
Stand-Alone, 10-Channel, 12-Bit System Monitors with Internal Temperature Sensor and VDD Monitor From old datasheet system
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|